PART |
Description |
Maker |
M34507M2-XXXFP M34507M4-XXXFP M34507E4FP |
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
|
Renesas Electronics Corporation
|
M38504E3-XXXFP M38502M1-XXXSS M38502M1H-XXXSS M385 |
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
Renesas Electronics Corporation
|
M38043F8FP M38043F8HP M38043F8KP M38043F8SP M38047 |
8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
Renesas Electronics Corporation
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|